Part Number Hot Search : 
ADVANCED SYSTEM BL151G ADVANCED AMPHENOL AD1584A Z5SMC130 AOD454
Product Description
Full Text Search
 

To Download 0202XC62RP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1ptjujwf7pmubhf3fhvmbupstgps7pmubhf3fgfsfodf4pvsdf 4fsjft 301 3 (fofsbm%ftdsjqujpo 'fbuvsft "qqmjdbujpot 5zqjdbm"qqmjdbujpo$jsdvju 5zqjdbm1fsgpsnbodf $ibsbdufsjtujd the xc62rp series are highly precise, low power consumption, positive voltage regulators, for voltage reference source, manufactured using cmos and laser trimming technologies. sot-23 (150mw), sot-89 (500mw) and to-92 (300mw) packages are available. maximum output current : 6.0ma (within max. power dissipation, v out =2.0v) output voltage range : 1.5v ~ 3.5v in 0.1v increments highly accurate : set-up voltage ?% (?% for semi-custom products) low power consumption : typ 3.2 a (v out =2.0) output voltage temperature characteristics : typ ?00ppm/? input stability : typ 0.2%/v ultra small packages : sot-23 (150mw) mini-mold sot-89 (500mw) mini-power mold to-92 (300mw) battery powered equipment reference voltage sources cameras and video recorders palmtops cmos low power consumption input-output voltage differential : 140mv @ 300 a maximum output current : 6.0ma (2.0v) highly accurate : 2% (1%) output voltage range: 1.5v~3.5v no load power consumption : 3.2 a (2.0v) sot-23/sot-89/to-92 package 3 - 7 */ 7 44 7 065 9$31 1mfbtfvtfxjuibmpbedbqbdjubodf $ -
pgmfttuibo ' $ */  ' 5boubmvn $ -  ' 5boubmvn             7 */ 17 * 065 1 " 0vuqvu7pmubhf7 065 7 "ncjfou5fnq5pqs ? 9$31+ 4@9$311.?? 
9$31 4fsjft 302 3 1jo$pogjhvsbujpo 1jo"ttjhonfou 405 5017*&8 405 5017*&8    7 065 7 44 + 44 + 065 7 */ 7 */    pin number sot-23 sot-89 pin name function 11 ground supply voltage input output 32 2 to-92 (t) 1 2 3 to-92 (l) 2 1 33 v ss v in v out 1spevdu$mbttjgjdbujpo ordering information designator a e f b c d description designator description polarity of output voltage: p: + (positive) temperature coefficients: 0= 100ppm (typical) output voltage 15 = 1.5v 30 = 3.0v output voltage accuracy: 1= 1.0% (semi-custom) 2= 2.0% package type m=sot-23 p=sot-89 t=to-92 (standard) l=to-92 (custom pin configuration) device orientation r=embossed tape (standard feed) l=embossed tape (reverse feed) h=paper tape (to-92) b=bag (to-92) 9$39999999 a b a c a d a e a f a g 123 to-92  55zqf
 top view  v in v out 7 44  50 -5zqf
5017*&8 7 */ 7 44 7 065 4@9$311.?? 
1bdlbhjoh*ogpsnbujpo sot-23 sot-89 ? ?   ? ? njo ?         ?  ?  njo nby ?  ? ? ? ? ?      9$31 4fsjft 303 3 4@9$311.?? 
9$31 4fsjft 304 3 .bsljoh sot-23, sot-89 405 5017*&8 405 5017*&8         q /pu6tfe w 3fqsftfoutuifjoufhfspguif0vuqvu7pmubhf symbol voltage(v) b 1. e a 0. e d 3. e c 2. e e 3fqsftfoutuifefdjnbmovncfspguif0vuqvu7pmubhf symbol voltage(v) symbol voltage(v) b w .1 h a w .0 f d w .3 l w .8 c w .2 w .6 w .5 w .7 k e w .4 m w .9 r 3fqsftfoutuifbttfncmzmpuop  #btfepojoufsobmtuboebset to-92 ? njo ? ?  ?            4@9$311.?? 
to-92 #mpdl%jbhsbn 7 44 7 065 7 */  7pmubhf 3fgfsfodf note: i out must be less than pd / (v in -v out ). parameter input voltage output voltage sot-23 continuous total power dissipation sot-89 operating ambient temperature storage temperature ratings 12 50 v ss - 0.3 ~ v in + 0.3 150 500 to-92 300 - 30 ~ + 80 - 40 ~ + 125 units v ma v mw c c symbol v in v out output current i out p d t opr t stg ta=25 c 2 3 4 5 6 7 1 5055zqf 5017*&8
3 2 3 4 5 6 7 1 50-5zqf 5017*&8
3 - q  3fqsftfoutuifqpmbsjuzpg  0vuqvu7pmubhf %&4*(/"503 $0/'*(63"5*0/ 1 we  3fqsftfoutuif%fufdu7pmubhf w     e %&4*(/"503 70-5"(&7   r 3fqsftfoutuifufnqfsbuvsf  dibsbdufsjtujdt %&4*(/"503 5&.1&3"563&$)"3"$5&3*45*$4  51:?qqn %&4*(/"503 %&5&$570-5"(&"$$63"$:  xjuijo??tfnjdvtupn  xjuijo?? t  3fqsftfoutuif%fufdu  7pmubhf"ddvsbdz y  3fqsftfoutbmfbtutjhojgjdbou  ejhjupguifqspevdfezfbs %&4*(/"503 130%6$&%:&"3     u  %fopuftuifqspevdujpompuovncfs  up "up;sfqfbufe (*+028fydfqufe
 9$31 4fsjft 305 3 "ctpmvuf.byjnvn3bujoht 4@9$311.?? 
9$31 4fsjft 306 3 &mfdusjdbm$ibsbdufsjtujdt ta=25 c xc62rp1602 v out (t)=1.6v (note1) parameter symbol conditions output voltage v out (e) (note2) i out =100 a v in =2.6v load stability ? v out input -output voltage differential (note3) maximum output current i out max v in =2.6v,v out (e) v out (t)x0.95 v in =2.6v 100 a i out 300 a ta=25 c xc62rp2002 v out (t)=2.0v (note1) parameter symbol conditions output voltage v out (e) (note2) i out =100 a v in =3.0v load stability ? v out input -output voltage differential (note3) maximum output current i out max v in =3.0v,v out (e) v out (t)x0.95 v in =3.0v 100 a i out 300 a min 1.568 3.0 4.0 typ 1.600 20 40 max 1.632 5.8 units v mv a ma circuit 1 1 0.2 0.3 %/v 1 2 1 30 80 mv 1 vdif1 i out =100 a 14050 mv 1 vdif2 i out =300 a v in =2.6vsupply current i ss 6.0 v input voltage v in input stability i out =100 a 2.6v v in 6.0v ? v out ? v in v out 100 ppm/ c1 output voltage temperature characteristics i out =100ma -30 c topr 80 c ? v out ? topr v out min 1.960 3.2 6.0 typ 2.000 20 40 max 2.040 6.2 units v mv a ma circuit 1 1 0.2 0.3 %/v 1 2 1 30 80 mv 1 vdif1 i out =100 a 14050 mv 1 vdif2 i out =300 a v in =3.0vsupply current i ss 6.0 v input voltage v in input stability i out =100 a 3.0v v in 6.0v ? v out ? v in v out 100 ppm/ c1 output voltage temperature characteristics i out =100ma -30 c topr 80 c ? v out ? topr v out 4@9$311.?? 
ta=25 c xc62rp2502 v out (t)=2.5v (note1) parameter symbol conditions output voltage v out (e) (note2) i out =100 a v in =3.5v load stability ? v out input -output voltage differential (note3) maximum output current i out max v in =3.5v,v out (e) v out (t)x0.95 v in =3.5v 100 a i out 300 a ta=25 c xc62rp3002 v out (t)=3.0v (note1) parameter symbol conditions output voltage v out (e) (note2) i out =100 a v in =4.0v load stability ? v out input -output voltage differential (note3) maximum output current i out max v in =4.0v,v out (e) v out (t)x0.95 v in =4.0v 100 a i out 300 a min 2.450 3.5 8.0 typ 2.500 20 40 max 2.550 6.8 units v mv a ma circuit 1 1 0.2 0.3 %/v 1 2 1 30 80 mv 1 vdif1 i out =100 a 14050 mv 1 vdif2 i out =300 a v in =3.5vsupply current i ss 6.0 v input voltage v in input stability i out =100 a 3.5v v in 6.0v ? v out ? v in v out 100 ppm/ c 1 output voltage temperature characteristics i out =100ma -30 c topr 80 c ? v out ? topr v out min 2.940 3.8 10.0 typ 3.000 20 40 max 3.060 7.3 units v mv a ma circuit 1 1 0.2 0.3 %/v 1 2 1 30 80 mv 1 vdif1 i out =100 a 14050 mv 1 vdif2 i out =300 a v in =4.0vsupply current i ss 6.0 v input voltage v in input stability i out =100 a 4.0v v in 6.0v ? v out ? v in v out 100 ppm/ c 1 output voltage temperature characteristics i out =100ma -30 c topr 80 c ? v out ? topr v out 1. v out (t)=specified output voltage . 2. v out (e)=effective output voltage (i.e. the output voltage when "v out (t)+1.0v" is provided at the v in pin while maintaining a certain i out value). 3. vdif= {v in 1 (note5) -v out 1 (note4) } 4. v out 1= a voltage equal to 98% of the output voltage whenever an amply stabilised i out {v out (t)+1.0v} is input. 5. v in 1= the input voltage when v out 1 appears as input voltage is gradually decreased. note: 9$31 4fsjft 307 3 4@9$311.?? 
9$31 4fsjft 308 3 5zqjdbm"qqmjdbujpo$jsdvju standard circuit %jsfdujpotgpsvtf 3 - 7 */ 7 44 7 065 9$31 1mfbtfvtfxjuibmpbedbqbdjubodf $ -
pgmfttuibo ' $ */  ' 5boubmvn $ -  ' 5boubmvn notes on use 1. please use with a load capacitance, c l , of less than 0.1 f and in 0.01 f steps. 2. since short-circuit protection is not built-in, the ic may be damaged by rush current should the output pin be connected to the ground pin. 3. when the load capacitance, c l , is small, overshoot will be produced when the power is switched on. 4. as the output pin's current is only a few a, output voltage will increase should output be pulled-up by means of a resistor. 7 */ 7 */ 7 44 7 065 " 7  ' 5boubmvn  ' 5boubmvn circuit 2 7 */ 01&/ 7 */ 7 44 7 065 " 5ftu$jsdvjut circuit 1 4@9$311.?? 
5zqjdbm1fsgpsnbodf$ibsbdufsjtujdt   ?  ? 5pqs1 ?          9$31 + 7 */ 17 0vuqvu7pmubhf7 065 7 0vuqvu$vssfou* 065  "   ?  ? 5pqs1 ?          9$31 + 7 */ 17 0vuqvu7pmubhf7 065 7 0vuqvu$vssfou* 065 n" (1) output voltage vs. output current   ?  ? 5pqs1 ?          0vuqvu7pmubhf7 065 7 0vuqvu$vssfou* 065  " 9$31+ 7 */ 17   ?  ? 5pqs1 ?         9$31+ 7 */ 17 0vuqvu7pmubhf7 065 7 0vuqvu$vssfou* 065 n"   ?  ? 5pqs1 ?          9$31 + 7 */ 17 0vuqvu7pmubhf7 065 7 0vuqvu$vssfou* 065  "   ?  ? 5pqs1 ?         9$31 + 7 */ 17 0vuqvu7pmubhf7 065 7 0vuqvu$vssfou* 065 n"   ?  ? 5pqs1 ?          9$31+ 7 */ 17 0vuqvu7pmubhf7 065 7 0vuqvu$vssfou* 065  "   ?  ? 5pqs1 ?         9$31+ 7 */ 17 0vuqvu7pmubhf7 065 7 0vuqvu$vssfou* 065 n" 9$31 4fsjft 309 3 4@9$311.?? 
9$31 4fsjft 310 3 (2) output voltage vs. input voltage   ? 5pqs1 ? ?          9$31+ 0vuqvu7pmubhf7 065 7 *oqvu7pmubhf7 */ 7 * 065 1 "   ?         9$31+ 5pqs1 ? ? 0vuqvu7pmubhf7 065 7 *oqvu7pmubhf7 */ 7 * 065 1 "  ?          9$31 + 5pqs1   ? ? 0vuqvu7pmubhf7 065 7 *oqvu7pmubhf7 */ 7 * 065 1 "         9$31 + ? 5pqs1   ? ? 0vuqvu7pmubhf7 065 7 *oqvu7pmubhf7 */ 7 * 065 1 "   ?         9$31+ 5pqs1 ? ? 0vuqvu7pmubhf7 065 7 *oqvu7pmubhf7 */ 7 * 065 1 "   ?         9$31+ 5pqs1? ? 0vuqvu7pmubhf7 065 7 *oqvu7pmubhf7 */ 7 * 065 1 "   ? 5pqs1 ? ?           9$31 + 0vuqvu7pmubhf7 065 7 *oqvu7pmubhf7 */ 7 * 065 1 "   ?         0vuqvu7pmubhf7 065 7 *oqvu7pmubhf7 */ 7 9$31 + * 065 1 " 5pqs1? ? 4@9$311.?? 
(4) supply current vs. input voltage   ?           9$31+ 5pqs1? ? *oqvu0vuqvu7pmubhf%jgg7ejg n 7 0vuqvu$vssfou* 065  "   ?           *oqvu0vuqvu7pmubhf%jgg7ejg n 7 0vuqvu$vssfou* 065  " 9$31 + 5pqs1? ?        9$31+ 7 */ 17   ? 5pqs1? ? 4vqqmz$vssfou*tt  " *oqvu7pmubhf7 */ 7        9$31 +   ? 5pqs1? ? 4vqqmz$vssfou*tt  " *oqvu7pmubhf7 */ 7   ?        9$31+ 7 */ 17 5pqs1? ? 4vqqmz$vssfou*tt  " *oqvu7pmubhf7 */ 7   ? 5pqs1? ?        4vqqmz$vssfou*tt  " *oqvu7pmubhf7 */ 7 9$31 + 7 */ 17 (3) input/output voltage differential vs. output current   ?           9$31+ 5pqs1? ? *oqvu0vuqvu7pmubhf%jgg7ejg n 7 0vuqvu$vssfou* 065  "   ?           9$31 + 5pqs1? ? *oqvu0vuqvu7pmubhf%jgg7ejg n 7 0vuqvu$vssfou* 065  " 9$31 4fsjft 311 3 4@9$311.?? 
9$31 4fsjft 312 3 (5) output voltage vs. ambient temperature (6) supply current vs. ambient temperature             9$31+ 7 */ 17 * 065 1 " 0vuqvu7pmubhf7 065 7 "ncjfou5fnq5pqs ?             9$31 + 7 */ 17 * 065 1 " 0vuqvu7pmubhf7 065 7 "ncjfou5fnq5pqs ?             7 */ 17 * 065 1 " 0vuqvu7pmubhf7 065 7 "ncjfou5fnq5pqs ? 9$31+             0vuqvu7pmubhf7 065 7 "ncjfou5fnq5pqs ? 9$31 + 7 */ 17 * 065 1 "            9$31+ 7 */ 17 4vqqmz$vssfou*tt  " "ncjfou5fnq5pqs ?            9$31 + 7 */ 17 4vqqmz$vssfou*tt  " "ncjfou5fnq5pqs ?            9$31+ 7 */ 17 4vqqmz$vssfou*tt  " "ncjfou5fnq5pqs ?            4vqqmz$vssfou*tt  " "ncjfou5fnq5pqs ? 9$31 + 7 */ 17 4@9$311.?? 
(7) input transient response 1 (8) input transient response 2 (9) load transient response (10) ripple rejection                  *oqvu7pmubhf7 */ 7 5jnfntfdejw 9$31 + * 065 1 " 5pqs1?  ! 1 ' 0vuqvu7pmubhf7 065 7 0vuqvu7pmubhf7 065 7 *oqvu7pmubhf 0vuqvu7pmubhf                  *oqvu7pmubhf7 */ 7 *oqvu7pmubhf7 */ 7 0vuqvu7pmubhf7 065 7 0vuqvu7pmubhf7 065 7 *oqvu7pmubhf7 */ 7 5jnfntfdejw 9$31+ * 065 1 " 5pqs1?  ! 1 '             5jnfntfdejw 9$31 + * 065 1 " 5pqs1?  ! 1 '             5jnfntfdejw 9$31+ * 065 1 " 5pqs1?  ! 1 '             0vuqvu7pmubhf7 065 7 5jnfntfdejw 9$31 + 7 */ 17 5pqs1?  ! 1 ' 0vuqvu$vssfou* 065 n " 0vuqvu7pmubhf7 065 7 0vuqvu$vssfou* 065 n " 0vuqvu7pmubhf7 065 7 0vuqvu7pmubhf7 065 7 0vuqvu$vssfou* 065 n " 0vuqvu$vssfou* 065 n " 0vuqvu7pmubhf 0vuqvu$vssfou "              5jnfntfdejw 9$31 + 7 */ 17 5pqs1?  ! 1 ' "              5jnfntfdejw 9$31+ 7 */ 17 5pqs1?  ! 1 ' "              5jnfntfdejw 9$31+ 7 */ 17 5pqs1?  ! 1 ' "           3jqqmf3fkfdujpo3buf33 e # 3jqqmf'sfrvfodzgl)[ 9$31+ 7 */ 17%$  7q  q"$ $ ! 1q' * 065 1 " 5pqs1? *oqvu7pmubhf 0vuqvu7pmubhf *oqvu7pmubhf 0vuqvu7pmubhf *oqvu7pmubhf 0vuqvu7pmubhf 0vuqvu7pmubhf 0vuqvu$vssfou 0vuqvu7pmubhf 0vuqvu$vssfou 0vuqvu7pmubhf 0vuqvu$vssfou 9$31 4fsjft 313 3 4@9$311.?? 


▲Up To Search▲   

 
Price & Availability of 0202XC62RP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X